PART |
Description |
Maker |
74ALVC32 74ALVC32MTC 74ALVC32M 74ALVC32MX |
LOGIC GATE|QUAD 2-INPUT OR|AVC/ALVC-CMOS|SOP|14PIN|PLASTIC ALVC/VCX/A SERIES, QUAD 2-INPUT OR GATE, PDSO14 Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
DM74AS32 DM74AS32M DM74AS32N DM74AS32SJ DM74AS32MX |
Quad 2-Input OR Gate AS SERIES, QUAD 2-INPUT OR GATE, PDSO14 Quad 2-Input OR Gate; Package: SOIC; No of Pins: 14; Container: Tape & Reel AS SERIES, QUAD 2-INPUT OR GATE, PDSO14 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
LT1114 LT1114AC LT1114ACN LT1114AM LT1114AMJ LT111 |
Dual/Quad Low Power Precision/ Picoamp Input Op Amps Dual 4-Input Positive-AND Gates 14-SOIC 0 to 70 DUAL OP-AMP, 100 uV OFFSET-MAX, 0.75 MHz BAND WIDTH, PDIP8 Dual/Quad Low Power Precision, Picoamp Input Op Amps 四路低功耗精密,Picoamp输入运算放大
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
CD4001BC CD4011BC CD4001BCMX CD4011BCMX CD4001BCM |
From old datasheet system Quad 2-Input NOR Buffered B Series Gate • Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 16-Bit Bus Transceiver And Register With 3-State Outputs 56-TSSOP -40 to 85 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74LS173SC 74LS133SC 74LS14PC 74LS04PC 74LS15PC 74L |
Single 13-input NAND Gate CERAMIC CHIP/MIL-PRF-55681 Triple 3-input AND Gate Synchronous Up/Down Counter 同步减计数器 Quad 2-input NOR Gate 输入或非 Hex D-Type Flip-Flop 六角D型触发器 Quad D-Type Flip-Flop 四D型触发器 2-To-4-Line Demultiplexer 2线复用器 Triple 3-input NAND Gate 输入与非 Quad 2-input NAND Gate 输入与非 4-Bit Buffer/Driver
|
Rochester Electronics, LLC NXP Semiconductors N.V.
|
HCS157MS HCS157D HCS157DMSR HCS157HMSR HCS157K HCS |
Multiplexer, Digital, 2-Input, Quad, Rad-Hard, High-Speed, CMOS, Logic From old datasheet system Radiation Hardened Quad 2-Input Multiplexers HC/UH SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, CDIP16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
74AC86 74AC86PC 74AC86SJ 74AC86SJX 74AC86MTCX 74AC |
IC-SM-74AC ADVANCED CMOS 集成电路Sm - 74AC先进的CMOS From old datasheet system Quad 2-Input Exclusive-OR Gate Quad 2-input Exclusive OR (XOR) Gate Complete High-Speed CMOS, 12-Bit ADC AC SERIES, QUAD 2-INPUT XOR GATE, PDSO14 CMOS, 8-Bit-Compatible, 12-Bit DAC AC SERIES, QUAD 2-INPUT XOR GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MC14082BDR2G MC14011 MC14071BCP MC1408 MC14001BCPG |
B-Suffix Series CMOS Gates IEEE 802.3af PoE HIGH POWER PD CONTROLLER 8-SO PowerPAD -40 to 85 Triple 3-Input NOR Gate Quad 2-Input AND Gate Dual-Slot Cardbus Power-Interface Switches for Serial PCMCIA Controllers 24-HTSSOP -40 to 85 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, TRIPLE 3-INPUT AND GATE, PDIP14 B-Suffix Series CMOS Gates 后缀系列CMOS B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDIP14
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
AD7564BRS AD7564AR-B AD7564AR-BREEL AD7564 |
LC2MOS 3.3 V/ 5 V/ Low Power/ Quad 12-Bit DAC LC2MOS 3.3 V/ 5 V, Low Power, Quad 12-Bit DAC QUAD, SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 12-BIT DAC, PDSO28 3.3 V/ 5 V, Low Power, Quad 12-Bit CMOS DAC
|
Analog Devices, Inc.
|
74F13207 74F132SJ 74F132 74F132SC 74F132SCX |
F/FAST SERIES, QUAD 2-INPUT NAND GATE, PDSO14 0.150 INCH, MS-120, SOIC-14 Quad 2-Input NAND Schmitt Trigger
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ALVC8605 74ALVC86MTCXNL 74ALVC86MTC 74ALVC86 74A |
Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, QUAD 2-INPUT XOR GATE, PDSO14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|